công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BL704 bảng dữ liệu(PDF) 45 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

tên linh kiện BL704
Giải thích chi tiết về linh kiện  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Trang chủ  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL704 bảng dữ liệu(HTML) 45 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL704 Datasheet HTML 39Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 40Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 41Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 42Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 43Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 44Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 45Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 46Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 47Page - Bouffalo Lab Intelligent Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
13
Ordering Information
BL70xC- 00-Q 2I
Package code: Q(QFN), B(BGA),CSP
Band: S: Single-band 2.4G; D: dualband, 2.4G/5G; NA;
MSB=flash, 0: no flash, 1: 8Mbit, 4:32Mbit,
, A:4Mbit
LSB=pSRAM, 0:no pSRAM, other: TBD
Show in package
Environment code :
+=RoHS 0/6 , - = RoHS 5 /6 , 1 =RoHS 6 / 6 , 2 = Green
Temperature code : C/ I /H
Part number: C/S: BLE+Zigbee Combo, BLE+802.15.4 Slim,
BL70xC-> 702C: QFN32 Zigbee/BLE Combo
702S: QFN32 BLE+802.15.4 Slim(no zigbee stack), Or MCU
704S: QFN40 BLE+802.15.4 Slim(no zigbee stack), Or MCU
706C: QFN48 Zigbee/BLE Combo
706S: QFN48 BLE+802.15.4 Slim(no zigbee stack), Or MCU
Fig. 13.1: Part Number
Table 13.1: Part Order Options
Product
No.
Description
BL702S-A0-Q2I
BLE+802.15.4 Slim, MCU, QFN32, 4Mb flash
BL702C-10-Q2H
Zigbee+BLE Combo, QFN32, 8Mb flash
BL702/704/706 Datasheet
45/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47