công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F803 bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc

tên linh kiện 56F803
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 56F803_V01 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F803_V01 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
56F803 Technical Data, Rev. 16
44
Freescale Semiconductor
1.
Parasitic capacitance due to package, pin to pin, and pin to package base coupling. (1.8pf)
2.
Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. (2.04pf)
3.
Equivalent resistance for the ESD isolation resistor and the channel select mux. (500 ohms)
4.
Sampling capacitor at the sample and hold circuit. (1pf)
Figure 3-26 Equivalent Analog Input Circuit
3.13 Controller Area Network (CAN) Timing
ADC Quiescent Current (both ADCs)
IADC
—50
—
mA
VREF Quiescent Current (both ADCs)
IVREF
—12
16.5
mA
1.
For optimum ADC performance, keep the minimum VADCIN value > 25mV. Inputs less than 25mV may convert to a digital
output code of 0.
2.
VREF must be equal to or less than VDDA and must be greater than 2.7V. For optimal ADC performance, set VREF to VD-
DA-0.3V.
3.
Measured in 10-90% range.
4.
LSB = Least Significant Bit.
5.
Guaranteed by characterization.
6.
tAIC = 1/fADIC
Table 3-17 CAN Timing2
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40× to +85×C, CL £ 50pF, MSCAN Clock = 30MHz
Characteristic
Symbol
Min
Max
Unit
Baud Rate
BRCAN
—1
Mbps
Bus Wakeup detection 1
T WAKEUP
5—
μs
Table 3-16 ADC Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
1
2
3
4
ADC analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com