| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EFM32GG11 bảng dữ liệu(PDF) 22 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EFM32GG11 bảng dữ liệu(HTML) 22 Page - Silicon Laboratories |
|
22 / 261 page ![]() 3.12 Configuration Summary The features of the EFM32GG11 are a subset of the feature set described in the device reference manual. The table below describes device specific implementation of the features. Remaining modules support full configuration. Table 3.2. Configuration Summary Module Configuration Pin Connections USART0 IrDA, SmartCard US0_TX, US0_RX, US0_CLK, US0_CS USART1 I2S, SmartCard US1_TX, US1_RX, US1_CLK, US1_CS USART2 IrDA, SmartCard, High-Speed US2_TX, US2_RX, US2_CLK, US2_CS USART3 I2S, SmartCard US3_TX, US3_RX, US3_CLK, US3_CS USART4 I2S, SmartCard US4_TX, US4_RX, US4_CLK, US4_CS USART5 SmartCard US5_TX, US5_RX, US5_CLK, US5_CS TIMER0 with DTI TIM0_CC[2:0], TIM0_CDTI[2:0] TIMER1 - TIM1_CC[3:0] TIMER2 with DTI TIM2_CC[2:0], TIM2_CDTI[2:0] TIMER3 - TIM3_CC[2:0] TIMER4 with DTI TIM4_CC[2:0], TIM4_CDTI[2:0] TIMER5 - TIM5_CC[2:0] TIMER6 with DTI TIM6_CC[2:0], TIM6_CDTI[2:0] WTIMER0 with DTI WTIM0_CC[2:0], WTIM0_CDTI[2:0] WTIMER1 - WTIM1_CC[3:0] WTIMER2 - WTIM2_CC[2:0] WTIMER3 - WTIM3_CC[2:0] ADC0 with temperature sensor See 5.22 Analog Port (APORT) Client Maps ADC1 - See 5.22 Analog Port (APORT) Client Maps EFM32GG11 Family Data Sheet System Overview silabs.com | Building a more connected world. Rev. 1.2 | 22 |