công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BFR96S bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện BFR96S
Giải thích chi tiết về linh kiện  The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BFR96S bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  BFR96S Datasheet HTML 1Page - Motorola, Inc BFR96S Datasheet HTML 2Page - Motorola, Inc BFR96S Datasheet HTML 3Page - Motorola, Inc BFR96S Datasheet HTML 4Page - Motorola, Inc BFR96S Datasheet HTML 5Page - Motorola, Inc BFR96S Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BFR96
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
FUNCTIONAL TESTS
Noise Figure
(IC = 10 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
NF
—
2.0
—
dB
Maximum Unilateral Gain/Insertion Gain (2)
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
GU(max)/
|S21|2
—/12
14.5/13
—
dB
NOTE: 2. GU(max) =
Figure 1. Maximum Unilateral Gain
versus Frequency
Figure 2. |S21|2 versus Frequency
28
24
20
16
12
8
4
0
0.2
0.3
0.5
0.7
1
1.5
f, FREQUENCY (GHz)
0.2
0.3
0.5
0.7
1
1.5
28
24
20
16
12
8
4
0
VCE = 10 V
IC = 50 mA
VCE = 10 V
IC = 50 mA
f, FREQUENCY (GHz)
Figure 3. Maximum Unilateral Gain versus
Collector Current
Figure 4. Gain–Bandwidth Product versus
Collector Current
6
5
4
3
2
0
20
40
60
80
100
IC, COLLECTOR CURRENT (mA)
20
18
14
12
0
IC, COLLECTOR CURRENT (mA)
20
40
60
80
VCE = 5 V
f = 0.5 GHz
22
f = 0.5 GHz
VCE = 10 V
10 V
|S21|2
(I – |S11|2)(I – |S22|
2)



Html Pages

1 2 3 4 5 6