| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZA109 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BZA109 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 12 page ![]() 1997 Dec 01 6 Philips Semiconductors Product specification 9-fold ESD transient voltage suppressor BZA109 APPLICATION INFORMATION Typical common anode application A 9-fold transient suppressor in an SO20; SOT163-1 package makes it possible to protect nine separate lines using only one package. Two simplified examples are shown in Figs 7 and 8. Fig.7 Computer interface protection. handbook, full pagewidth GND keyboard, terminal, printer, etc. I/O BZA109 A B C D E F G H I FUNCTIONAL DECODER MBK274 Fig.8 Microprocessor protection. handbook, full pagewidth MBK275 I/O ROM RAM CPU CLOCK GND VDD VGG data bus control bus address bus 4/9 BZA109 |