công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SY10E196JC bảng dữ liệu(PDF) 9 Page - Micrel Semiconductor

tên linh kiện SY10E196JC
Giải thích chi tiết về linh kiện  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E196JC bảng dữ liệu(HTML) 9 Page - Micrel Semiconductor

Back Button SY10E196JC Datasheet HTML 2Page - Micrel Semiconductor SY10E196JC Datasheet HTML 3Page - Micrel Semiconductor SY10E196JC Datasheet HTML 4Page - Micrel Semiconductor SY10E196JC Datasheet HTML 5Page - Micrel Semiconductor SY10E196JC Datasheet HTML 6Page - Micrel Semiconductor SY10E196JC Datasheet HTML 7Page - Micrel Semiconductor SY10E196JC Datasheet HTML 8Page - Micrel Semiconductor SY10E196JC Datasheet HTML 9Page - Micrel Semiconductor SY10E196JC Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY10E196
SY100E196
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
delays (1111111 on the A0–A6 address bus), D7 will be
asserted to signal the need to cascade the delay to the
next E196 device. When D7 is asserted, the SET MIN
pin of chip #2 will be de-asserted and the delay will be
controlled by the A0–A6 address bus. Chip #1, on the
other hand, will have its SET MAX pin asserted, resulting
in the device delay to be independent of the A0–A6
address bus.
When the SET MAX pin of chip #1 is asserted, the D0
and D1 latches will be reset, while the rest of the latches
will be set.
In addition, to maintain monotonicity, an
additional gate delay is selected in the cascade circuitry.
As a result, when D7 of chip #1 is asserted, the delay
increases from 31.75 gates to 32 gates. A 32-gate delay
is the maximum delay setting for the E196.
When cascading multiple PDCs, it will prove more cost-
effective to use a single E196 for the MSB of the chain,
while using E195 for the lower order bits. This is due to
the fact that only one fine tune input is needed to further
reduce the delay step resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com