công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLSF2500 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NLSF2500
Giải thích chi tiết về linh kiện  Keypad Multiplexer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF2500 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NLSF2500 Datasheet HTML 1Page - ON Semiconductor NLSF2500 Datasheet HTML 2Page - ON Semiconductor NLSF2500 Datasheet HTML 3Page - ON Semiconductor NLSF2500 Datasheet HTML 4Page - ON Semiconductor NLSF2500 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NLSF2500
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
0 v VCC v VCC + 0.5
V
VO
DC Output Voltage
− 0.5 to + 7.0
V
IIK
DC Input Diode Current
VI < GND
±50
mA
IOK
DC Output Diode Current
VO = GND
− 50
mA
IO
DC Output Sink Current
± 50
mA
ICC
DC Supply Current per Supply Pin
± 100
mA
IGND
DC Ground Current per Ground Pin
± 100
mA
TSTG
Storage Temperature Range
− 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature under bias
+ 150
°C
qJA
Thermal Resistance
80
°C/W
PD
Power Dissipation in Still Air at 85°C
800
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0125 in
VESD
ESD Test Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
> 3000
> 300
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.5
5.5
V
VIN
DC Input Voltage
GND
VCC + 0.5
V
VOUT
DC Output Voltage
GND
5.5
V
TA
Operating Temperature Range
40
85
°C
DC CHARACTERISTICS
Symbol
Parameter
Condition
VCC
Min
Max
Unit
VIL
Input Logic Low Voltage
1.65 − 3.6
0.3 * VCC
V
VIH
Input Logic High Voltage
1.65 − 3.6
0.7 * VCC
V
ROUT
OUTx Pullup Resistance
1.65 − 3.6
50
150
kW
RIN 2.7
INx Pullup Resistance
PIN = GND
2.7
50
150
kW
RIN 1.8
INx Pullup Resistance
PIN = GND
1.8
100
360
kW
VD
Voltage Drop
INx = GND, IOUT = 100 mA
100
mV
ICC
Quiescent Current
All I/O Floating
1.65 − 3.6
10
mA
IL
Output Leakage Current
INx = Floating
1.0
mA
CP
I/O Pin Capacitance
1.0 MHz
2.5
15
pF



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com