| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C51AC2 bảng dữ liệu(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51AC2 bảng dữ liệu(HTML) 2 Page - ATMEL Corporation |
|
2 / 29 page ![]() 2 A/T89C51AC2 UART Bootloader 4231C–CAN–03/05 Functional Description The A/T89C51AC2 Bootloader facilitates In-System Programming and In-Application Programming. In-System Programming Capability In-System Programming (ISP) allows the user to program or reprogram a microcontrol- ler’s on-chip Flash memory without removing it from the system and without the need of a pre-programmed application. The UART bootloader can manage a communication with a host through the serial net- work. It can also access and perform requested operations on the on-chip Flash memory. In-Application Programming or Self- programming Capability In-Application Programming (IAP) allows the reprogramming of the microcontroller on- chip Flash memory without removing it from the system and while the embedded appli- cation is running. The UART bootloader contains some Application Programming Interface routines named API routines allowing IAP by using the user’s firmware. Block Diagram This section describes the different parts of the bootloader. The figure below shows the on-chip bootloader and IAP processes. Figure 1. Bootloader Process Description ISP Communication Management User Application UART Protocol Communication Management Flash Memory External Host Via the Flash Memory IAP Management User Call On-chip |