công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT87C5103-ICSAL bảng dữ liệu(PDF) 4 Page - ATMEL Corporation

tên linh kiện AT87C5103-ICSAL
Giải thích chi tiết về linh kiện  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL bảng dữ liệu(HTML) 4 Page - ATMEL Corporation

  AT87C5103-ICSAL Datasheet HTML 1Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 2Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 3Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 4Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 5Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 6Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 7Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 8Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
AT8xC5103
4134C–8051–09/04
Pin Description
Mnemonic
Type
Name and Function
VSS
I
Ground: 0V reference
VCC
I
Power Supply: 3.0V or 5.5V
P1.0 - P1.7
I/O
Port 1: Port 1 is an 8-bit programmable I/O port with internal pull-up
Alternate functions for Port 1 include:
I/O
MISO (P1.0): Master IN, Slave OUT of the SPI controller
I/O
MOSI (P1.1): Master OUT, Slave IN of the SPI controller
I/O
DIG2 (P1.2): Programmable as Output with Push-pull
ECI: External Clock for PCA
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
I/O
CEX3 (P1.6): Capture/Compare External I/O for PCA module 3
I/O
SS (P1.7): Slave select input of the SPI controller
CEX4: Capture/Compare External I/O for PCA module 3
XTAL1
I
Input to the inverting oscillator amplifier
XTAL2
O
Output from the inverting oscillator amplifier
RST/VPP
I
RST: Negative Reset input
A low on this pin for two machine cycles while the oscillator is running,
resets the device.
This pin will include a pull-down to reset the circuit if no external reset
level is applied.
VPP: High voltage input for OTP programming
P3.0 - P3.7
I/O
Port 3: Port 3 is a 8-bit programmable I/O port with internal pull-up.
I/O
P3.0: Programmable as Output with Push-pull.
I/O
P3.1: Programmable as Output with Push-pull.
I/O
DIG0 (P3.2): Programmable as Output with Push-pull.
INT0: External Interrupt 0
I/O
P3.3: Programmable as Output with Push-pull.
INT1: External Interrupt 1
I/O
DIG1 (P3.4): Programmable as Output with Push-pull.
T0: Timer 0 external Input
I/O
P3.5: Programmable as Output with Push-pull.
T1: Timer 1 external Input
I/O
SPICK (P3.6): Clock I/O of the SPI controller
I/O
P3.7: Programmable as Output with Push-pull.
P4.0-P4.2
I/O
Port 4: Port 4 is an 3-bit I/O port with internal pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com