công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT80C51RB2-SLSIM bảng dữ liệu(PDF) 45 Page - ATMEL Corporation

tên linh kiện AT80C51RB2-SLSIM
Giải thích chi tiết về linh kiện  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSIM bảng dữ liệu(HTML) 45 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSIM Datasheet HTML 41Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 42Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 43Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 44Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 45Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 46Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 47Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 48Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
46
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Interrupt System
The T8xc51Rx2 have a total of 8 interrupt vectors: two external interrupts (INT0 and
INT1), three timer interrupts (timers 0, 1 and 2), the serial port interrupt, Keyboard inter-
rupt and the PCA global interrupt. These interrupts are shown in Figure 19.
Figure 19. Interrupt Control System
Each of the interrupt sources can be individually enabled or disabled by setting or clear-
ing a bit in the Interrupt Enable register (Table 36 and Table 34). This register also
contains a global disable bit, which must be cleared to disable all interrupts at once.
Each interrupt source also can be individually programmed to one out of four priority lev-
els by setting or clearing a bit in the Interrupt Priority register (Table 37) and in the
Interrupt Priority High register (Table 35 and Table 36) shows the bit values and priority
levels associated with each combination.
IE1
0
3
High Priority
Interrupt
Interrupt
Polling
Sequence, Decreasing from
High to Low Priority
Low Priority
Interrupt
Global Disable
Individual Enable
EXF2
TF2
TI
RI
TF0
INT0
INT1
TF1
IPH, IPL
IE0
0
3
0
3
0
3
0
3
0
3
0
3
PCA IT
KBD IT
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com