| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT80C51SND1C-ROTIL bảng dữ liệu(PDF) 68 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80C51SND1C-ROTIL bảng dữ liệu(HTML) 68 Page - ATMEL Corporation |
|
68 / 212 page ![]() 68 4109J–8051–10/06 AT8xC51SND1C Figure 12-6. MP3 Interrupt Service Routine Flow Note: 1. Test these bits only if needed (unmasked interrupt). 12.7 Registers Table 62. MP3CON Register MP3CON (S:AAh) – MP3 Decoder Control Register Data Request? MPFREQ = 1? Layer Error Handler CRC Error Handler Data Request Handler Ancillary Data Handler Synchro Error Handler MP3 Decoder ISR Read MP3STA Write MP3 Data to MP3DAT Read ANN2:0 Ancillary Bytes From MP3ANC Reload MP3 Frame Through MP3DAT Load New MP3 Frame Through MP3DAT Ancillary Data?(1) MPANC = 1? Sync Error? (1) ERRSYN = 1? Layer Error?(1) ERRSYN = 1? 7654 3210 MPEN MPBBST CRCEN MSKANC MSKREQ MSKLAY MSKSYN MSKCRC Bit Number Bit Mnemonic Description 7MPEN MP3 Decoder Enable Bit Set to enable the MP3 decoder. Clear to disable the MP3 decoder. |