| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB041D bảng dữ liệu(PDF) 41 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB041D bảng dữ liệu(HTML) 41 Page - ATMEL Corporation |
|
41 / 53 page ![]() 41 3595H–DFLASH–03/07 AT45DB041D 23.3 Buffer Read 24. Detailed Bit-level Read Waveform – RapidS Serial Interface Mode 0/Mode 3 24.1 Continuous Array Read (Legacy Opcode E8H) 24.2 Continuous Array Read (Opcode 0BH) CMD CS n n+1 X X X..X, BFA8 BFA7- 0 BINARY PAGE SIZE 16 DON'T CARE + BFA7-BFA0 Each transition represents 8 bits SI (INPUT) SO (OUTPUT) No Dummy Byte (opcodes D1H and D3H) 1 Dummy Byte (opcodes D4H and D6H) SCK CS SI SO MSB MSB 23 1 0 11101000 67 5 410 11 9 812 63 66 67 65 64 62 33 34 31 32 29 30 68 71 72 70 69 OPCODE AAAA A AA AA MSB XXXX XX MSB MSB DDDDDDDD D D ADDRESS BITS 32 DON'T CARE BITS DATA BYTE 1 HIGH-IMPEDANCE BIT 2047/2111 OF PAGE n BIT 0 OF PAGE n+1 SCK CS SI SO MSB MSB 23 1 0 00001011 67 5 410 11 9 812 39 42 43 41 40 38 33 34 31 32 29 30 44 47 48 46 45 OPCODE AAAA A AA AA MSB XXXX XX MSB MSB DDDDDDDD D D ADDRESS BITS A18 - A0 DON'T CARE DATA BYTE 1 HIGH-IMPEDANCE 36 37 35 X X |