| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB041B-RU bảng dữ liệu(PDF) 19 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB041B-RU bảng dữ liệu(HTML) 19 Page - ATMEL Corporation |
|
19 / 35 page ![]() 19 3443C–DFLSH–5/05 AT45DB041B 14. Detailed Bit-level Read Timing – Inactive Clock Polarity Low 14.1 Continuous Array Read (Opcode: 68H) 14.2 Main Memory Page Read (Opcode: 52H) 14.3 Buffer Read (Opcode: 54H or 56H) SI 0 1X X CS SO SCK 12 63 64 65 66 67 68 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 DATA OUT BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV SI 0 1 0 10 XX X CS SO SCK 12345 60 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV SI 0 1 0 10 XX X CS SO SCK 12345 36 37 38 39 40 41 42 43 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV |