công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA3290-16AI bảng dữ liệu(PDF) 71 Page - ATMEL Corporation

tên linh kiện ATMEGA3290-16AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290-16AI bảng dữ liệu(HTML) 71 Page - ATMEL Corporation

Back Button ATMEGA3290-16AI Datasheet HTML 67Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 68Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 69Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 70Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 71Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 72Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 73Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290-16AI Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 375 page
background image
71
ATmega329/3210/649/6410
2552H–AVR–11/06
Alternate Functions of Port C
The Port C has an alternate function as SEG for the LCD Controller.
The alternate pin configuration is as follows:
• SEG – Port D, Bit 7:0
SEG, LCD front plane 5/5, 6/6, 11/7-16/12.
Table 34 and Table 35 relate the alternate functions of Port C to the overriding signals
shown in Figure 27 on page 65.
Table 32. Overriding Signals for Alternate Functions in PB3:PB0
Signal
Name
PB3/MISO/
PCINT11
PB2/MOSI/
PCINT10
PB1/SCK/
PCINT9
PB0/SS/
PCINT8
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE
OUTPUT
SPI MSTR
OUTPUT
SCK OUTPUT
0
PTOE
–––
–
DIEOE
PCINT11 •
PCIE1
PCINT10 •
PCIE1
PCINT9 • PCIE1
PCINT8 • PCIE1
DIEOV
111
1
DI
PCINT11 INPUT
SPI MSTR
INPUT
PCINT10 INPUT
SPI SLAVE
INPUT
PCINT9 INPUT
SCK INPUT
PCINT8 INPUT
SPI SS
AIO
–––
–
Table 33. Port C Pins Alternate Functions (SEG refers to 100-pin/64-pin pinout)
Port Pin
Alternate Function
PC7
SEG (LCD Front Plane 5/5)
PC6
SEG (LCD Front Plane 6/6)
PC5
SEG (LCD Front Plane 11/7)
PC4
SEG (LCD Front Plane 12/8)
PC3
SEG (LCD Front Plane 13/9)
PC2
SEG (LCD Front Plane14/10)
PC1
SEG (LCD Front Plane 15/11)
PC0
SEG (LCD Front Plane 16/12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More