| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA162 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA162 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 325 page ![]() 3 ATmega162/V 2513I–AVR–02/07 Overview The ATmega162 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega162 achieves throughputs approaching 1 MIPS per MHz allowing the sys- tem designer to optimize power consumption versus processing speed. Block Diagram Figure 2. Block Diagram INTERNAL OSCILLATOR OSCILLATOR WATCHDOG TIMER MCU CTRL. & TIMING OSCILLATOR TIMERS/ COUNTERS INTERRUPT UNIT STACK POINTER EEPROM SRAM STATUS REGISTER USART0 PROGRAM COUNTER PROGRAM FLASH INSTRUCTION REGISTER INSTRUCTION DECODER PROGRAMMING LOGIC SPI COMP. INTERFACE PORTA DRIVERS/BUFFERS PORTA DIGITAL INTERFACE GENERAL PURPOSE REGISTERS X Y Z ALU + - PORTC DRIVERS/BUFFERS PORTC DIGITAL INTERFACE PORTB DIGITAL INTERFACE PORTB DRIVERS/BUFFERS PORTD DIGITAL INTERFACE PORTD DRIVERS/BUFFERS XTAL1 XTAL2 RESET CONTROL LINES VCC GND PA0 - PA7 PC0 - PC7 PD0 - PD7 PB0 - PB7 AVR CPU INTERNAL CALIBRATED OSCILLATOR PORTE DRIVERS/ BUFFERS PORTE DIGITAL INTERFACE PE0 - PE2 USART1 |