| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB081B-RU bảng dữ liệu(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB081B-RU bảng dữ liệu(HTML) 11 Page - ATMEL Corporation |
|
11 / 33 page ![]() 11 AT45DB081B 2225I–DFLSH–9/05 Note: r = Reserved Bit P = Page Address Bit B = Byte/Buffer Address Bit x = Don’t Care Table 4. Detailed Bit-level Addressing Sequence Opcode Opcode Address Byte Address Byte Address Byte Additional Don’t Care Bytes Required 50H 01 0100 00r r r PPPPP PPPP xx xxxxx xxxxx N/A 52H 01 0100 10r r r PPPPP PPPPPP P BBBB BBBBB 4 Bytes 53H 01 0100 11r r r PPPPP PPPPPP P xxxx xxxxx N/A 54H 01 0101 00x x x xxxxx xxxxxx x BBBB BBBBB 1 Byte 55H 01 0101 01r r r PPPPP PPPPPP P xxxx xxxxx N/A 56H 01 0101 10x x x xxxxx xxxxxx x BBBB BBBBB 1 Byte 57H 01 0101 11 N/A N/A N/A N/A 58H 01 0110 00r r r PPPPP PPPPPP P xxxx xxxxx N/A 59H 01 0110 01r r r PPPPP PPPPPP P xxxx xxxxx N/A 60H 01 1000 00r r r PPPPP PPPPPP P xxxx xxxxx N/A 61H 01 1000 01r r r PPPPP PPPPPP P xxxx xxxxx N/A 68H 01 1010 00r r r PPPPP PPPPPP P BBBB BBBBB 4 Bytes 81H 10 0000 01r r r PPPPP PPPPPP P xxxx xxxxx N/A 82H 10 0000 10r r r PPPPP PPPPPP P BBBB BBBBB N/A 83H 10 0000 11r r r PPPPP PPPPPP P xxxx xxxxx N/A 84H 10 0001 00x x x xxxxx xxxxxx x BBBB BBBBB N/A 85H 10 0001 01r r r PPPPP PPPPPP P BBBB BBBBB N/A 86H 10 0001 10r r r PPPPP PPPPPP P xxxx xxxxx N/A 87H 10 0001 11x x x xxxxx xxxxxx x BBBB BBBBB N/A 88H 10 0010 00r r r PPPPP PPPPPP P xxxx xxxxx N/A 89H 10 0010 01r r r PPPPP PPPPPP P xxxx xxxxx N/A D2H 1 1 0100 10r r r PPPPP PPPPPP P BBBB BBBBB 4 Bytes D4H 1 1 0101 00x x x xxxxx xxxxxx x BBBB BBBBB 1 Byte D6H 1 1 0101 10x x x xxxxx xxxxxx x BBBB BBBBB 1 Byte D7H 1 1 0101 11 N/A N/A N/A N/A E8H 1 1 1010 00r r r PPPPP PPPPPP P BBBB BBBBB 4 Bytes |