công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB021B bảng dữ liệu(PDF) 16 Page - ATMEL Corporation

tên linh kiện AT45DB021B
Giải thích chi tiết về linh kiện  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B bảng dữ liệu(HTML) 16 Page - ATMEL Corporation

Back Button AT45DB021B_05 Datasheet HTML 12Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 13Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 14Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 15Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 16Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 17Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 18Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 19Page - ATMEL Corporation AT45DB021B_05 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
1937J–DFLSH–9/05
AT45DB021B
9.3
Reset Timing (Inactive Clock Polarity Low Shown)
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
9.4
Command Sequence for Read/Write Operations (except Status Register Read)
Notes:
1. “r” designates bits reserved for larger densities.
2. It is recommended that “r” be a logical “0” for densities of 2M bits or smaller.
3. For densities larger than 2M bits, the “r” bits become the most significant Page Address bit for the appropriate density.
CS
SCK
RESET
SO
HIGH IMPEDANCE
HIGH IMPEDANCE
SI
tRST
tREC
tCSS
SI
CMD
8 bits
8 bits
8 bits
MSB
Reserved for
larger densities
Page Address
(PA9-PA0)
Byte/Buffer Address
(BA8-BA0/BFA8-BFA0)
LSB
r r r r r X X X
X X X X X X X X
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32