công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMUX622X bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TMUX622X
Giải thích chi tiết về linh kiện  TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMUX622X bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMUX622X Datasheet HTML 17Page - Texas Instruments TMUX622X Datasheet HTML 18Page - Texas Instruments TMUX622X Datasheet HTML 19Page - Texas Instruments TMUX622X Datasheet HTML 20Page - Texas Instruments TMUX622X Datasheet HTML 21Page - Texas Instruments TMUX622X Datasheet HTML 22Page - Texas Instruments TMUX622X Datasheet HTML 23Page - Texas Instruments TMUX622X Datasheet HTML 24Page - Texas Instruments TMUX622X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
7.5 tON (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise to 90% after the supply has
risen past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in
the system. Figure 7-5 shows the setup used to measure turn on time, denoted by the symbol tON (VDD).
VDD
Supply
Ramp
0 V
4.5 V
tON
90%
Output
tr = 10 µs
RL
CL
VDD
VSS
VSS
0.1 µF
0.1 µF
S1
GND
D1
Output
0 V
VDD
VS
S2
SELx
3 V
CL
Output
VS
D2
Figure 7-5. tON (VDD) Time Measurement Setup
7.6 Propagation Delay
Propagation delay is defined as the time taken by the output of the device to rise or fall 50% after the input
signal has risen or fallen past the 50% threshold. Figure 7-6 and Equation 1 shows the setup used to measure
propagation delay, denoted by the symbol tPD.
RL
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1
GND
D1
Output
VS
S2
250 mV
0 V
tPD 1
Output
0 V
Input
(VS)
tr < 40 ps
tf < 40 ps
tPD 2
50%
50%
50%
50%
50 Ω
RL
CL
Output
D2
VS
50 Ω
Figure 7-6. Propagation Delay Measurement Setup
tProp Delay = max tPD 1, tPD 2
(1)
www.ti.com
TMUX6221, TMUX6222
SCDS452A – MARCH 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX6221 TMUX6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com