công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2005DR bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM2005DR
Giải thích chi tiết về linh kiện  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2005DR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM2005DR Datasheet HTML 1Page - Texas Instruments LM2005DR Datasheet HTML 2Page - Texas Instruments LM2005DR Datasheet HTML 3Page - Texas Instruments LM2005DR Datasheet HTML 4Page - Texas Instruments LM2005DR Datasheet HTML 5Page - Texas Instruments LM2005DR Datasheet HTML 6Page - Texas Instruments LM2005DR Datasheet HTML 7Page - Texas Instruments LM2005DR Datasheet HTML 8Page - Texas Instruments LM2005DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range and all voltages are with respect to GND (unless otherwise noted).(1)
MIN
MAX
UNIT
VGVDD
Low-side supply voltage
–0.3
19.5
V
VBST to VSH High-side supply voltage
–0.3
19.5
V
VINL, VINH
Input voltages on INL and INH
–0.3
19.5
V
VGL
Output voltage on GL
–0.3
GVDD + 0.3
V
VGH
Output voltage on GH
VSH– 0.3
VBST + 0.3
V
VSH
Voltage on SH
DC
–1
95
V
Repetitive pulse < 100 ns(2)
–19.5
95
VBST
Voltage on BST
VSH
107
V
TJ
Junction temperature
–40
125
°C
Tstg
Storage temperature
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Values are verified by characterization and are not production tested.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating junction temperature range and all voltages are with respect to GND (unless otherwise noted).
MIN
NOM
MAX
UNIT
VGVDD
Supply voltage
9
12
18
V
VINL, VINH
Input voltage range
0
VGVDD + 0.3
V
VBST
Voltage on BST
VSH + 9
105
V
VSH
Voltage on SH (DC)
-1
VBST – VGVDD
V
VSH
Voltage on SH (repetitive pulse < 100 ns)(1)
–18
VBST – VGVDD
V
SRSH
Voltage slew rate on SH
2
V/ns
TJ
Operating junction temperature
–40
125
°C
(1)
Values are verified by characterization and are not production tested.
6.4 Thermal Information
THERMAL METRIC(1)
LM2005
LM2005
UNIT
D (SOIC)
DSG (WSON)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
133.2
78.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75.2
97.7
°C/W
RθJB
Junction-to-board thermal resistance
76.7
44.6
°C/W
ψJT
Junction-to-top characterization parameter
25.5
4.6
°C/W
ψJB
Junction-to-board characterization parameter
75.9
44.6
°C/W
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com