công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT43USB320A bảng dữ liệu(PDF) 49 Page - ATMEL Corporation

tên linh kiện AT43USB320A
Giải thích chi tiết về linh kiện  Full-speed USB Microcontroller with an Embedded Hub
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB320A bảng dữ liệu(HTML) 49 Page - ATMEL Corporation

Back Button AT43USB320A Datasheet HTML 45Page - ATMEL Corporation AT43USB320A Datasheet HTML 46Page - ATMEL Corporation AT43USB320A Datasheet HTML 47Page - ATMEL Corporation AT43USB320A Datasheet HTML 48Page - ATMEL Corporation AT43USB320A Datasheet HTML 49Page - ATMEL Corporation AT43USB320A Datasheet HTML 50Page - ATMEL Corporation AT43USB320A Datasheet HTML 51Page - ATMEL Corporation AT43USB320A Datasheet HTML 52Page - ATMEL Corporation AT43USB320A Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
49
AT43USB320A
1443E–USB–4/04
Note:
X = A or B
Note that in the PWM mode, the 10 least significant OCR1A/OCR1B bits, when written, are
transferred to a temporary location. They are latched when Timer/Counter1 reaches the value
TOP. This prevents the occurrence of odd-length PWM pulses (glitches) in the event of an
unsynchronized OCR1A/OCR1B write. See Figure 13 for an example.
Figure 13. Effects on Unsynchronized OCR1 Latching
Note:
X = A or B
During the time between the write and the latch operation, a read from OCR1A or OCR1B will
read the contents of the temporary location. This means that the most recently written value
always will read out of OCR1A/B
When the OCR1 contains $0000 or TOP, the output OC1A/OC1B is updated to low or high on
t he nex t c o m pare m a t c h, ac c o rdi ng t o t he s e t t i ngs of COM 1 A 1 / C OM 1A 0 or
COM1B1/COM1B0. This is shown in Table 18.
Note: If the compare register contains the TOP value and the prescaler is not in use
(CS12..CS10 = 001), the PWM output will not produce any pulse at all, because up-counting
and down-counting values are reached simultaneously. When the prescaler is in use
(CS12..CS10 = 001 or 000), the PWM output goes active when the counter reaches the TOP
Table 17. Compare1 Mode Select in PWM Mode
COM1X1
COM1X0
Effect on OCX1
0
0
Not connected
0
1
Not connected
10
Cleared on compare match, up-counting. Set on compare match,
down-counting (non-inverted PWM).
11
Cleared on compare match, down-counting. Set on compare match,
up-counting (inverted PWM).
Synchronized
OCR1X Latch
PWM Output OC1X
Counter Value
Compare Value
PWM Output OC1X
Counter Value
Compare Value
Unsynchronized
OCR1X Latch
Glitch
Compare Value Changes
Compare Value Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com