| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCS2200SQLT1G bảng dữ liệu(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCS2200SQLT1G bảng dữ liệu(HTML) 13 Page - ON Semiconductor |
|
13 / 19 page ![]() NCS2200 Series, NCS2200A http://onsemi.com 13 ORDERING INFORMATION Device Pinout Style Output Type Package Shipping† NCS2200AMUT1G N/A Complementary UDFN (Pb−Free) 3000 / Tape & Reel NCS2200SN1T1 1 Complementary SOT−23−5 (TSOP−5) 3000 / Tape & Reel NCS2200SN1T1G 1 Complementary SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2200SN2T1 2 Complementary SOT−23−5 (TSOP−5) 3000 / Tape & Reel NCS2200SN2T1G 2 Complementary SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2200SQ2T2 2 Complementary SC70−5 3000 / Tape & Reel NCS2200SQ2T2G 2 Complementary SC70−5 (Pb−Free) 3000 / Tape & Reel NCS2200SQLT1 N/A Complementary DFN, 2x2.2 3000 / Tape & Reel NCS2200SQLT1G N/A Complementary DFN, 2x2.2 (Pb−Free) 3000 / Tape & Reel NCS2201SN1T1 1 Complementary, Enable SOT−23−6 (TSOP−6) 3000 / Tape & Reel NCS2201SN1T1G 1 Complementary, Enable SOT−23−6 (TSOP−6) (Pb−Free) 3000 / Tape & Reel NCS2201SN2T1 2 Complementary, Enable SOT−23−6 (TSOP−6) 3000 / Tape & Reel NCS2201SN2T1G 2 Complementary, Enable SOT−23−6 (TSOP−6) (Pb−Free) 3000 / Tape & Reel NCS2202SN1T1 1 Open Drain SOT−23−5 (TSOP−5) 3000 / Tape & Reel NCS2202SN1T1G 1 Open Drain SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2202SQ1T2G 1 Open Drain SC70−5 (Pb−Free) 3000 / Tape & Reel NCS2202SN2T1 2 Open Drain SOT−23−5 (TSOP−5) 3000 / Tape & Reel NCS2202SN2T1G 2 Open Drain SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2202SQ2T2G 2 Open Drain SC70−5 (Pb−Free) 3000 / Tape & Reel NCS2203SN1T1 1 Open Drain, Enable SOT−23−6 (TSOP−6) 3000 / Tape & Reel NCS2203SN1T1G 1 Open Drain, Enable SOT−23−6 (TSOP−6) (Pb−Free) 3000 / Tape & Reel NCS2203SN2T1 2 Open Drain, Enable SOT−23−6 (TSOP−6) 3000 / Tape & Reel NCS2203SN2T1G 2 Open Drain, Enable SOT−23−6 (TSOP−6) (Pb−Free) 3000 / Tape & Reel This device contains 93 active transistors. †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |