công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCS2200SQLT1 bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện NCS2200SQLT1
Giải thích chi tiết về linh kiện  Low Voltage Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1 bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button NCS2200SQLT1 Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 10Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 11Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 12Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 13Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 14Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 15Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 16Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
13
ORDERING INFORMATION
Device
Pinout Style
Output Type
Package
Shipping†
NCS2200AMUT1G
N/A
Complementary
UDFN
(Pb−Free)
3000 / Tape & Reel
NCS2200SN1T1
1
Complementary
SOT−23−5 (TSOP−5)
3000 / Tape & Reel
NCS2200SN1T1G
1
Complementary
SOT−23−5 (TSOP−5)
(Pb−Free)
3000 / Tape & Reel
NCS2200SN2T1
2
Complementary
SOT−23−5 (TSOP−5)
3000 / Tape & Reel
NCS2200SN2T1G
2
Complementary
SOT−23−5 (TSOP−5)
(Pb−Free)
3000 / Tape & Reel
NCS2200SQ2T2
2
Complementary
SC70−5
3000 / Tape & Reel
NCS2200SQ2T2G
2
Complementary
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCS2200SQLT1
N/A
Complementary
DFN, 2x2.2
3000 / Tape & Reel
NCS2200SQLT1G
N/A
Complementary
DFN, 2x2.2
(Pb−Free)
3000 / Tape & Reel
NCS2201SN1T1
1
Complementary, Enable
SOT−23−6 (TSOP−6)
3000 / Tape & Reel
NCS2201SN1T1G
1
Complementary, Enable
SOT−23−6 (TSOP−6)
(Pb−Free)
3000 / Tape & Reel
NCS2201SN2T1
2
Complementary, Enable
SOT−23−6 (TSOP−6)
3000 / Tape & Reel
NCS2201SN2T1G
2
Complementary, Enable
SOT−23−6 (TSOP−6)
(Pb−Free)
3000 / Tape & Reel
NCS2202SN1T1
1
Open Drain
SOT−23−5 (TSOP−5)
3000 / Tape & Reel
NCS2202SN1T1G
1
Open Drain
SOT−23−5 (TSOP−5)
(Pb−Free)
3000 / Tape & Reel
NCS2202SQ1T2G
1
Open Drain
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCS2202SN2T1
2
Open Drain
SOT−23−5 (TSOP−5)
3000 / Tape & Reel
NCS2202SN2T1G
2
Open Drain
SOT−23−5 (TSOP−5)
(Pb−Free)
3000 / Tape & Reel
NCS2202SQ2T2G
2
Open Drain
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCS2203SN1T1
1
Open Drain, Enable
SOT−23−6 (TSOP−6)
3000 / Tape & Reel
NCS2203SN1T1G
1
Open Drain, Enable
SOT−23−6 (TSOP−6)
(Pb−Free)
3000 / Tape & Reel
NCS2203SN2T1
2
Open Drain, Enable
SOT−23−6 (TSOP−6)
3000 / Tape & Reel
NCS2203SN2T1G
2
Open Drain, Enable
SOT−23−6 (TSOP−6)
(Pb−Free)
3000 / Tape & Reel
This device contains 93 active transistors.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19