công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25P1024 bảng dữ liệu(PDF) 2 Page - ATMEL Corporation

tên linh kiện AT25P1024
Giải thích chi tiết về linh kiện  SPI Serial EEPROMs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25P1024 bảng dữ liệu(HTML) 2 Page - ATMEL Corporation

  AT25P1024 Datasheet HTML 1Page - ATMEL Corporation AT25P1024 Datasheet HTML 2Page - ATMEL Corporation AT25P1024 Datasheet HTML 3Page - ATMEL Corporation AT25P1024 Datasheet HTML 4Page - ATMEL Corporation AT25P1024 Datasheet HTML 5Page - ATMEL Corporation AT25P1024 Datasheet HTML 6Page - ATMEL Corporation AT25P1024 Datasheet HTML 7Page - ATMEL Corporation AT25P1024 Datasheet HTML 8Page - ATMEL Corporation AT25P1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT25P1024
1082I–SEEPR–7/06
Block Write protection is enabled by programming the status register with top ¼, top ½ or entire array of write protection.
Separate Program Enable and Program Disable instructions are provided for additional data protection. Hardware data pro-
tection is provided via the WP pin to protect against inadvertent write attempts to the status register. The HOLD pin may be
used to suspend any serial communication without resetting the serial sequence.
Figure 1. Block Diagram
Absolute Maximum Ratings*
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
131,072 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com