công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45D161 bảng dữ liệu(PDF) 1 Page - ATMEL Corporation

tên linh kiện AT45D161
Giải thích chi tiết về linh kiện  16-megabit 5-volt Only Serial DataFlasH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D161 bảng dữ liệu(HTML) 1 Page - ATMEL Corporation

  AT45D161 Datasheet HTML 1Page - ATMEL Corporation AT45D161 Datasheet HTML 2Page - ATMEL Corporation AT45D161 Datasheet HTML 3Page - ATMEL Corporation AT45D161 Datasheet HTML 4Page - ATMEL Corporation AT45D161 Datasheet HTML 5Page - ATMEL Corporation AT45D161 Datasheet HTML 6Page - ATMEL Corporation AT45D161 Datasheet HTML 7Page - ATMEL Corporation AT45D161 Datasheet HTML 8Page - ATMEL Corporation AT45D161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
16-megabit
5-volt Only
Serial
DataFlash®
AT45D161
Recommend using
AT45DB161B for new
designs.
Features
• Single 4.5V - 5.5V Supply
• Serial Interface Architecture
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 4096 Pages (528 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
• Internal Program and Control Timer
• Fast Page Program Time – 7 ms Typical
• 120 µs Typical Page to Buffer Transfer Time
• Low Power Dissipation
– 15 mA Active Read Current Typical
– 10 µA CMOS Standby Current Typical
• 15 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges
Description
The AT45D161 is a 5-volt only, serial interface Flash memory suitable for in-system
reprogramming. Its 17,301,504 bits of memory are organized as 4096 pages of 528
bytes each. In addition to the main memory, the AT45D161 also contains two SRAM
Rev. 1081C–01/01
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
(continued)
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
PLCC
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
SCK
SI
SO
NC
NC
NC
NC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
NC
NC
Note: PLCC package pins 16
and 17 are DON’T CONNECT


Số phần tương tự - AT45D161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45D161-JC ATMEL-AT45D161-JC Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45D161-JI ATMEL-AT45D161-JI Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45D161-RC ATMEL-AT45D161-RC Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45D161-RI ATMEL-AT45D161-RI Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
More results

Mô tả tương tự - AT45D161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
2-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
4-Megabit 5-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
8-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
8-megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
16-megabit 2.7-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com