công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89LS53-12PI bảng dữ liệu(PDF) 25 Page - ATMEL Corporation

tên linh kiện AT89LS53-12PI
Giải thích chi tiết về linh kiện  8-Bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12PI bảng dữ liệu(HTML) 25 Page - ATMEL Corporation

Back Button AT89LS53-12PI Datasheet HTML 21Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 22Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 23Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 24Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 25Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 26Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 27Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 28Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25
0851C–MICRO–3/06
AT89LS53
Absolute Maximum Ratings*
Operating Temperature......................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature.........................-65°C to +150°C
Voltage on Any Pin
with Respect to Ground........................-1.0V to +7.0V
Maximum Operating Voltage ................................6.6V
DC Output Current .........................................15.0 mA
DC Characteristics
The values shown in this table are valid for TA = -40°C to 85°C and VCC = 2.7V to 6.0V, unless otherwise noted.
Notes:
1. Under steady state (non-transient) conditions, IOL
must be externally limited as follows:
Maximum IOL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1,2, 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the
related specification. Pins are not guaranteed to sink
current greater than the listed test conditions.
2. Minimum VCC for Power Down is 2V
Symbol
Parameter
Condition
Min
Max
Units
VIL
Input Low Voltage
(Except EA)
-0.5
0.2 VCC - 0.1
V
VIL1
Input Low Voltage (EA)
-0.5
0.2 VCC - 0.3
V
VIH
Input High Voltage
(Except XTAL1, RST)
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage
(XTAL1, RST)
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage (1)
(Ports 1,2,3)
IOL = 1.6 mA
0.5
V
VOL1
Output Low Voltage (1)
(Port 0, ALE, PSEN)
IOL = 3.2 mA
0.5
V
VOH
Output High Voltage
(Ports 1,2,3, ALE, PSEN)
IOH = -60 µA, VCC = 5V ± 10%
2.4
V
IOH = -25 µA
0.75 VCC
V
IOH = -10 µA
0.9 VCC
V
VOH1
Output High Voltage
(Port 0 in External Bus Mode)
IOH = -800 µA, VCC = 5V ± 10%
2.4
V
IOH = -300 µA
0.75 VCC
V
IOH = -80 µA
0.9 VCC
V
IIL
Logical 0 Input Current (Ports 1,2,3)
VIN = 0.45V
-50
µA
ITL
Logical 1 to 0 Transition Current (Ports 1,2,3)
VIN = 2V
-650
µA
ILI
Input Leakage Current
(Port 0, EA)
0.45 < VIN < VCC
±10
µA
RRST
Reset Pulldown Resistor
50
300
K
Ω
CIO
Pin Capacitance
Test Freq. = 1 MHz, TA = 25°C
10
pF
ICC
Power Supply Current
Active Mode, 12 MHz
25
mA
Idle Mode, 12 MHz
6.5
mA
Power Down Mode (2)
VCC = 6V
100
µA
VCC = 3V
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com