công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89LS53-12AI bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện AT89LS53-12AI
Giải thích chi tiết về linh kiện  8-Bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12AI bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button AT89LS53-12AI Datasheet HTML 3Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 4Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 5Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 6Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 7Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 8Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 9Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 10Page - ATMEL Corporation AT89LS53-12AI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
AT89LS53
0851C–MICRO–3/06
Dual Data Pointer Registers To facilitate accessing exter-
nal data memory, two banks of 16 bit Data Pointer Regis-
ters are provided: DP0 at SFR address locations 82H-83H
and DP1 at 84H-85H. Bit DPS = 0 in SFR WCON selects
DP0 and DPS = 1 selects DP1. The user should always ini-
talize the DPS bit to the appropriate value before accessing
the respective Data Pointer register.
Power Off Flag The Power Off Flag (POF) is located at
bit_4 (PCON.4) in the PCON SFR. POF is set to “1” during
power up. It can be set and reset under software control
and is not affected by RESET.
Table 3. WCON—Watchdog Control Register
WCON Address = 96H
Reset Value = 0000 0010B
PS2
PS1
PS0
reserved
reserved
DPS
WDTRST
WDTEN
Bit
7
65
432
10
Symbol
Function
PS2
PS1
PS0
Prescaler Bits for the Watchdog Timer. When all three bits are set to “0”, the watchdog timer has a nominal
period of 16 ms. When all three bits are set to “1”, the nominal period is 2048 ms.
DPS
Data Pointer Register Select. DPS = 0 selects the first bank of Data Pointer Register, DP0, and DPS = 1
selects the second bank, DP1
WDTRST
Watchdog Timer Reset. Each time this bit is set to “1” by user software, a pulse is generated to reset the
watchdog timer. The WDTRST bit is then automatically reset to “0” in the next instruction cycle. The
WDTRST bit is Write-Only.
WDTEN
Watchdog Timer Enable Bit. WDTEN = 1 enables the watchdog timer and WDTEN = 0 disables the
watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com