| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C52-24PC bảng dữ liệu(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C52-24PC bảng dữ liệu(HTML) 22 Page - ATMEL Corporation |
|
22 / 24 page ![]() AT89C52 22 Ordering Information Speed (MHz) Power Supply Ordering Code Package Operation Range 12 5V ± 20% AT89C52-12AC AT89C52-12JC AT89C52-12PC AT89C52-12QC 44A 44J 40P6 44Q Commercial (0 ° C to 70° C) AT89C52-12AI AT89C52-12JI AT89C52-12PI AT89C52-12QI 44A 44J 40P6 44Q Industrial (-40 ° C to 85° C) 16 5V ± 20% AT89C52-16AC AT89C52-16JC AT89C52-16PC AT89C52-16QC 44A 44J 40P6 44Q Commercial (0 ° C to 70° C) AT89C52-16AI AT89C52-16JI AT89C52-16PI AT89C52-16QI 44A 44J 40P6 44Q Industrial (-40 ° C to 85° C) 20 5V ± 20% AT89C52-20AC AT89C52-20JC AT89C52-20PC AT89C52-20QC 44A 44J 40P6 44Q Commercial (0 ° C to 70° C) AT89C52-20AI AT89C52-20JI AT89C52-20PI AT89C52-20QI 44A 44J 40P6 44Q Industrial (-40 ° C to 85° C) 24 5V ± 20% AT89C52-24AC AT89C52-24JC AT89C52-24PC AT89C52-24QC 44A 44J 40P6 44Q Commercial (0 ° C to 70° C) AT89C52-24AI AT89C52-24JI AT89C52-24PI AT89C52-24QI 44A 44J 40P6 44Q Industrial (-40 ° C to 85° C) Package Type 44A 44-lead, Thin Plastic Gull Wing Quad Flatpack (TQFP) 44J 44-lead, Plastic J-leaded Chip Carrier (PLCC) 40P6 40-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 44Q 44-lead, Plastic Gull Wing Quad Flatpack (PQFP) |