công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCP3521 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NCP3521
Giải thích chi tiết về linh kiện  LDO Regulator Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3521 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NCP3521 Datasheet HTML 1Page - ON Semiconductor NCP3521 Datasheet HTML 2Page - ON Semiconductor NCP3521 Datasheet HTML 3Page - ON Semiconductor NCP3521 Datasheet HTML 4Page - ON Semiconductor NCP3521 Datasheet HTML 5Page - ON Semiconductor NCP3521 Datasheet HTML 6Page - ON Semiconductor NCP3521 Datasheet HTML 7Page - ON Semiconductor NCP3521 Datasheet HTML 8Page - ON Semiconductor NCP3521 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP3520/NCP3521
http://onsemi.com
3
PACKAGE PIN DESCRIPTION Micro8
Pin #
Symbol
Description
1
NRCS
Non Rush current on Startup. Capacitor to ground controls output voltage slew rate and short circuit
delay time.
2
GND
Ground.
3
EN
Enable input control.
4
VCC
Power Supply Voltage Input.
5
VFB
Voltage Feedback pin into the error amplifier for maintaining the output voltage.
6
VS
Source input. Provides pulldown capability (1.2 mA operating & 220 mA turnoff) for fast output voltage
response time.
7
G
Gate Drive for the external NFET.
8
VD
NFET Drain input for voltage sensing.
MAXIMUM RATINGS
Rating
Value
Unit
All Pins
−0.3 to 7
V
IG (DC)
IG (AC)
IVS (DC)
10
10
300
mA
Electrostatic Discharge, Human Body Model
1.5
kV
Electrostatic Discharge, Machine Model
100
V
Package Thermal Resistance
Micro8
238
°C/W
Operating Junction Temperature
−10 to 150
°C
Storage Temperature Range
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C, VCC = 5 V, VD = 2.0 V, EN = 3 V, External FET = NTMS4107N (Note 3), unless
otherwise specified)
Characteristic
Conditions
Min
Typ
Max
Unit
REGULATOR OUTPUT
Feedback Voltage (NCP3520)
IO (NTMS4107N) = 50 mA
4.5 V < VCC < 5.5 V, 0°C < TJ < 100°C
(Note 1)
1.188
1.176
1.200
1.200
1.212
1.224
V
V
Feedback Voltage (NCP3521)
IO (NTMS4107N) = 50 mA
4.5 V < VCC < 5.5V, 0°C < TJ < 100°C
(Note 1)
1.485
1.470
1.500
1.500
1.515
1.530
V
V
Supply Current
Sleep Mode
Run Mode
Short Circuit Latch Condition
EN = 0 V
EN = 3 V
EN = 3 V
−
−
−
0
1.25
0.5
10
1.7
1.7
mA
mA
mA
Line Regulation (NCP3520)
4.5 V < VCC < 5.5 V, IOUT = 0
4.5 V < VCC < 5.5 V, IOUT = 3 A (Note 1)
−
1.2
1.2
6.0
6.0
mV
mV
Line Regulation (NCP3521)
4.5 V < VCC < 5.5 V, IOUT = 0
4.5 V < VCC < 5.5 V, IOUT = 3 A (Note 1)
−
1.5
1.5
7.5
7.5
mV
mV
Load Regulation (Note 2)
IO = 0 A to 3 A
−
0.50
10
mV
1. Guaranteed by Design
2. Load regulation may vary with the selection of an external FET other than the NTMS4107N.
3. See “External Components” section on Page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com