| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB161-TC bảng dữ liệu(PDF) 17 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB161-TC bảng dữ liệu(HTML) 17 Page - ATMEL Corporation |
|
17 / 21 page ![]() AT45DB161 17 Figure 1. Algorithm for Sequentially Programming or Reprogramming an Entire Sector Notes: 1. This type of algorithm is used for applications in which an entire sector is programmed sequentially, filling the sector page- by-page. 2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer to Main Memory Page Program operation. 3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page within the entire sector. START MAIN MEMORY PAGE PROGRAM (82H, 85H) END provide address and data BUFFER WRITE (84H, 87H) BUFFER to MAIN MEMORY PAGE PROGRAM (83H, 86H) |