| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB161-JC bảng dữ liệu(PDF) 18 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB161-JC bảng dữ liệu(HTML) 18 Page - ATMEL Corporation |
|
18 / 21 page ![]() AT45DB161 18 Figure 2. Algorithm for Randomly Modifying Data Notes: 1. To preserve data integrity, each page of a DataFlash sector (256 pages per sector) must be updated/rewritten at least once within every 10,000 cumulative page erase/program operations within that sector. 2. A Page Address Pointer must be maintained to indicate which page is to be rewritten. The Auto Page Rewrite command must use the address specified by the Page Address Pointer. 3. Other algorithms can be used to rewrite portions of the Flash array. Low power applications may choose to wait until 10,000 cumulative page erase/program operations have accumulated before rewriting all 256 pages of the sector. See application note AN-4 (“Using Atmel’s Serial DataFlash”) for more details. Sector Addressing PA11 PA10 PA9 PA8 Sector 00 00 0 00 01 1 00 10 2 •• •• • •• •• • •• •• • 11 01 13 11 10 14 11 11 15 START MAIN MEMORY PAGE to BUFFER TRANSFER (53H, 55H) INCREMENT PAGE ADDRESS POINTER (2) Auto Page Rewrite (2) (58H, 59H) END provide address of page to modify If planning to modify multiple bytes currently stored within a page of the Flash array MAIN MEMORY PAGE PROGRAM (82H, 85H) BUFFER WRITE (84H, 87H) BUFFER to MAIN MEMORY PAGE PROGRAM (83H, 86H) |