công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M45PE80-VMP6G bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện M45PE80-VMP6G
Giải thích chi tiết về linh kiện  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE80-VMP6G bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button M45PE80-VMP6G Datasheet HTML 3Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 4Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 5Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 6Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 7Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 8Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 9Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 10Page - STMicroelectronics M45PE80-VMP6G Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
M45PE80
Summary description
7/47
Figure 2.
VFQFPN and SO connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Section 11: Package mechanical for package dimensions, and how to identify pin-1.
1
AI06811B
2
3
4
8
7
6
5
W
S
VCC
VSS
C
DQ
Reset
M45PE80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47