công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1990ACPZ bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD1990ACPZ
Giải thích chi tiết về linh kiện  Audio Switching Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1990ACPZ bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD1990ACPZ Datasheet HTML 3Page - Analog Devices AD1990ACPZ Datasheet HTML 4Page - Analog Devices AD1990ACPZ Datasheet HTML 5Page - Analog Devices AD1990ACPZ Datasheet HTML 6Page - Analog Devices AD1990ACPZ Datasheet HTML 7Page - Analog Devices AD1990ACPZ Datasheet HTML 8Page - Analog Devices AD1990ACPZ Datasheet HTML 9Page - Analog Devices AD1990ACPZ Datasheet HTML 10Page - Analog Devices AD1990ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD1990
Rev. 0 | Page 7 of 16
Pin No.
Mnemonic
In/Out
Description
52, 54, 59, 61
NC
No Connection—Should Be Left Floating.
53
AINR
I
Analog Input for Right Channel.
55
REF_FILT
O
Filter Pin for Band Gap Reference—Should Be Bypassed to AGND.
56
AGND
Negative Power Supply for Low Power Analog Circuitry.
57
AVDD
Positive Power Supply for Low Power Analog Circuitry.
58
MOD_FILT
O
Modulator Filter Pin—Used to Set Time Constant of Modulator Order Reduction Circuit.
60
AINL
O
Analog Input for Left Channel.
62
NFL−
I
Left Channel Negative Feedback—Inverting Input.
63
NFL+
I
Left Channel Negative Feedback—Noninverting Input.
64
PGND1
Negative Power Supply. Used for the A2 and B2 high power transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16