| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD620ARZ bảng dữ liệu(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD620ARZ bảng dữ liệu(HTML) 18 Page - Analog Devices |
|
18 / 20 page ![]() AD620 Rev. G | Page 18 of 20 GROUND RETURNS FOR INPUT BIAS CURRENTS Input bias currents are those currents necessary to bias the input transistors of an amplifier. There must be a direct return path for these currents. Therefore, when amplifying “floating” input sources, such as transformers or ac-coupled sources, there must be a dc path from each input to ground, as shown in Figure 47, Figure 48, and Figure 49. Refer to A Designer’s Guide to Instrumentation Amplifiers (free from Analog Devices) for more information regarding in-amp applications. VOUT AD620 – INPUT RG TO POWER SUPPLY GROUND REFERENCE + INPUT +VS –VS LOAD Figure 47. Ground Returns for Bias Currents with Transformer-Coupled Inputs VOUT – INPUT + INPUT RG LOAD TO POWER SUPPLY GROUND REFERENCE +VS –VS AD620 Figure 48. Ground Returns for Bias Currents with Thermocouple Inputs 100k Ω VOUT AD620 – INPUT + INPUT RG LOAD TO POWER SUPPLY GROUND REFERENCE 100k Ω –VS +VS Figure 49. Ground Returns for Bias Currents with AC-Coupled Inputs |