công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF55 bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện ADC32RF55
Giải thích chi tiết về linh kiện  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 35Page - Texas Instruments ADC32RF55 Datasheet HTML 36Page - Texas Instruments ADC32RF55 Datasheet HTML 37Page - Texas Instruments ADC32RF55 Datasheet HTML 38Page - Texas Instruments ADC32RF55 Datasheet HTML 39Page - Texas Instruments ADC32RF55 Datasheet HTML 40Page - Texas Instruments ADC32RF55 Datasheet HTML 41Page - Texas Instruments ADC32RF55 Datasheet HTML 42Page - Texas Instruments ADC32RF55 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
adc3
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-27. Complex Decimation by 32 Filter
Response
Normalized Frequency (Fs)
0
0.0025 0.005 0.0075
0.01
0.0125 0.015 0.0175
0.02
0.0225 0.025
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
adc3
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-28. Decimation by 32 Passband Ripple
Response
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
adc3
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-29. Complex Decimation by 64 Filter
Response
Normalized Frequency (Fs)
0
0.025
0.05
0.075
0.1
0.125
0.15
-120
-100
-80
-60
-40
-20
0
adc3
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-30. Complex Decimation by 64 Filter
Response
Normalized Frequency (Fs)
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
adc3
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-31. Decimation by 64 Passband Ripple
Response
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
adc3
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-32. Complex Decimation by 128 Filter
Response
www.ti.com
ADC32RF52
SBASAI6 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com