| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BYD71C bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BYD71C bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 11 page ![]() 1996 Sep 19 5 Not recommended for new designs Philips Semiconductors Product specification Ultra fast low-loss controlled avalanche rectifiers BYD71 series GRAPHICAL DATA BYD71A to D a = 1.42; VR =VRRMmax; δ = 0.5. Switched mode application. Fig.2 Maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage). handbook, halfpage 0 200 0.8 0.6 0.2 0 0.4 MCD565 100 IF(AV) (A) Ttp ( C) o lead length 10 mm BYD71E to G a = 1.42; VR =VRRMmax; δ = 0.5. Switched mode application. Fig.3 Maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage). handbook, halfpage 0 200 0.8 0.6 0.2 0 0.4 MCD564 100 IF(AV) (A) Ttp ( C) o lead length 10 mm BYD71A to D a = 1.42; VR =VRRMmax; δ = 0.5. Device mounted as shown in Fig.16. Switched mode application. Fig.4 Maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage). handbook, halfpage 0 0.6 0.4 0.2 0 200 MGC526 100 IF(AV) (A) Tamb ( C) o Fig.5 Maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage). BYD71E to G a = 1.42; VR =VRRMmax; δ = 0.5. Device mounted as shown in Fig.16. Switched mode application. handbook, halfpage 0 0.6 0.4 0.2 0 200 MGC527 100 IF(AV) (A) Tamb ( C) o |