| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8772 bảng dữ liệu(PDF) 39 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8772 bảng dữ liệu(HTML) 39 Page - Wolfson Microelectronics plc |
|
39 / 73 page ![]() Production Data WM8772EDS – 28 LEAD SSOP w PD Rev 4.2 October 2005 39 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C5 10 µF De-coupling for DVDD and AVDD. C2 to C4 0.1 µF De-coupling for DVDD and AVDD. C8 and C9 1 µF Analogue input high pass filter capacitors C6 and C10 0.1 µF C7 and C11 10 µF Reference de-coupling capacitors for VMID and ADCREF pin. C12 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 33 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 12 External Components Description |