| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8766 bảng dữ liệu(PDF) 33 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8766 bảng dữ liệu(HTML) 33 Page - Wolfson Microelectronics plc |
|
33 / 36 page ![]() Production Data WM8766 w PD Rev 4.1 July 2005 33 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C5 10 µF De-coupling for DVDD and AVDD. C2 to C4 0.1 µF De-coupling for DVDD and AVDD. C6 0.1 µF C7 10 µF Reference de-coupling capacitors for VMID and TESTREF pin. C8 0.1 µF De-coupling for TESTREF. C9 100 µF Filtering for VREFP. Omit if AVDD low noise. R1 33 Ω Filtering for VREFP. Use 0 Ω if AVDD low noise. Table 18 External Components Description |