công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8594SEFT/V bảng dữ liệu(PDF) 42 Page - Wolfson Microelectronics plc

tên linh kiện WM8594SEFT/V
Giải thích chi tiết về linh kiện  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V bảng dữ liệu(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
WM8594
Product Preview
w
PP Rev 1.0 January 2007
42
OUTPUT SELECTOR CONTROL
Any analogue PGA channel can be routed to any analogue output. All analogue outputs can be
independently enabled and disabled. Additionally, all outputs can be tri-stated to allow the output to
be connected to applications where ports can either be inputs or outputs.
Note: It is recommended to mute all the outputs before changing the output selector to avoid
pop/click noises when selecting a different output source.
Figure 21 Output Selector Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78