| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8214 bảng dữ liệu(PDF) 25 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8214 bảng dữ liệu(HTML) 25 Page - Wolfson Microelectronics plc |
|
25 / 36 page ![]() Production Data WM8214 w PD Rev 4.1 March 2007 25 LEGACY MODE INFORMATION The WM8214 has been designed to have a high degree of compatibility with previous generations of Wolfson AFEs. By setting the LEGACY register bit the input timing is made compatible with the WM819x and WM815x series of devices. Additional features such as the VSMP detect mode are also retained in LEGACY mode. LEGACY: PROGRAMMABLE VSMP DETECT CIRCUIT The VSMP input is used to determine the sampling point and frequency of the WM8214. Under normal operation a pulse of 1 MCLK period should be applied to VSMP at the desired sampling frequency (as shown in the LEGACY Mode Timing Diagrams) and the input sample will be taken on the first rising MCLK edge after VSMP has gone low. However, in certain applications such a signal may not be readily available. The programmable VSMP detect circuit in the WM8214 allows the sampling point to be derived from any signal of the correct frequency, such as a CCD shift register clock, when applied to the VSMP pin. When enabled, by setting the VSMPDET control bit, the circuit detects either a rising or falling edge (determined by POSNNEG control bit) on the VSMP input pin and generates an internal VSMP pulse, INTVSMP. When POSNNEG = 1, a positive edge transition is detected and when POSNNEG = 0, a falling edge transition is detected. INTVSMP can optionally be delayed by a number of MCLK periods, specified by the VDEL[2:0] bits. Figure 20 shows the internal VSMP pulses that can be generated by this circuit for a typical clock input signal. The internal VSMP pulse is then applied to the timing control block in place of the normal VSMP pulse provided from the input pin. The sampling point occurs on the first rising MCLK edge after this internal VSMP pulse, as shown in the LEGACY Mode Timing Diagrams. MCLK VSMP (VDEL = 000) INTVSMP POSNNEG = 1 (VDEL = 001) INTVSMP (VDEL = 010) INTVSMP (VDEL = 011) INTVSMP (VDEL = 100) INTVSMP (VDEL = 101) INTVSMP (VDEL = 110) INTVSMP (VDEL = 111) INTVSMP POSNNEG = 0 (VDEL = 000) INTVSMP (VDEL = 001) INTVSMP (VDEL = 010) INTVSMP (VDEL = 011) INTVSMP (VDEL = 100) INTVSMP (VDEL = 101) INTVSMP (VDEL = 110) INTVSMP (VDEL = 111) INTVSMP INPUT PINS V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S Figure 20 Internal VSMP Pulses Generated by Programmable VSMP Detect Circuit |