công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATV320U07N4B bảng dữ liệu(PDF) 21 Page - Schneider Electric

tên linh kiện ATV320U07N4B
Giải thích chi tiết về linh kiện  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATV320U07N4B bảng dữ liệu(HTML) 21 Page - Schneider Electric

Back Button ATV320U07N4B Datasheet HTML 17Page - Schneider Electric ATV320U07N4B Datasheet HTML 18Page - Schneider Electric ATV320U07N4B Datasheet HTML 19Page - Schneider Electric ATV320U07N4B Datasheet HTML 20Page - Schneider Electric ATV320U07N4B Datasheet HTML 21Page - Schneider Electric ATV320U07N4B Datasheet HTML 22Page - Schneider Electric ATV320U07N4B Datasheet HTML 23Page - Schneider Electric ATV320U07N4B Datasheet HTML 24Page - Schneider Electric ATV320U07N4B Datasheet HTML 25Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
20
Presentation
Variable speed drives
Altivar Machine ATV320
Option: configuration tools
DTM
Presentation
Using FDT/DTM technology it is possible to configure, control, and diagnose Altivar
Machine drives directly in SoMachine and SoMove software by means of the same
software brick (DTM).
FDT/DTM technology standardizes the communication interface between field
devices and host systems. The DTM contains a uniform structure for managing drive
access parameters.
The Altivar Machine ATV320 DTM library is a flexible, open, and interactive tool that
can be used in a third-party FDT.
DTMs can be downloaded from our website www.schneider-electric.com.
Specific functions of the Altivar Machine ATV320 DTM
b
Offline or online access to drive data
b
Transfer of configuration files from and to the drive
b
Customization (My Menu)
b
Access to drive parameters and option cards
b
Oscilloscope function
b
Graphic interface to assist with configuration of the Altivar Machine ATV320
b
Drive parameter monitoring
b
Detected error and warning logs
Advantages of the DTM library in SoMachine
SoMachine software is a single tool for configuration, setup, and diagnostics for the
complete machine. It can be integrated in the fieldbus topology.
SoMachine additionally offers Function Block library possibilities for Altivar Machine
drives.
Advantages of the DTM library in SoMove
SoMove is a drive-oriented software environment.
It allows a wired connection directly to the drive Modbus serial port.
SoMove setup software
SoMove Lite setup software for PC is used to prepare drive configuration files.
The USB/RJ45 cable (reference TCSMCNAM3M002P) connects to the USB port of
the PC running software and to the RJ45 port on the device.
For more information, refer to the SoMove catalog available on our website
www.schneider-electric.com.
Altivar Machine DTM in SoMove software
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48