công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OVR40440 bảng dữ liệu(PDF) 48 Page - ABB

tên linh kiện OVR40440
Giải thích chi tiết về linh kiện  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OVR40440 bảng dữ liệu(HTML) 48 Page - ABB

Back Button OVR40440 Datasheet HTML 44Page - ABB OVR40440 Datasheet HTML 45Page - ABB OVR40440 Datasheet HTML 46Page - ABB OVR40440 Datasheet HTML 47Page - ABB OVR40440 Datasheet HTML 48Page - ABB OVR40440 Datasheet HTML 49Page - ABB OVR40440 Datasheet HTML 50Page - ABB OVR40440 Datasheet HTML 51Page - ABB OVR40440 Datasheet HTML 52Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
16.46
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Fuse
holders
&
fuse
disconnectors
16
16
String protection
To avoid equipment damage on DC lines and
to ensure isolation of the PV system in case of
maintenance, E90 PV disconnector fuses can
be installed downstream the inverter to protect
each single string. The fuses must be selected
according to the rated current of the line and to
the maximum dissipated power.
Back-up download
When the Icc short circuit current, at the point of
installation, is greater than 100 A DC, the OVR
PVs Surge Protective Devices require a back-up
protection with a specific type gR fuse.
DC side of the inverter
For small size photovoltaic systems, E 90 PV fuse
disconnectors can be used to protect the DC
side of the inverter. The fuse should be chosen
according to the rated current of the inverter.
E 90 PV Fuse disconnectors
Protection and disconnection of 1000 V DC lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com