công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OVR40150P bảng dữ liệu(PDF) 49 Page - ABB

tên linh kiện OVR40150P
Giải thích chi tiết về linh kiện  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OVR40150P bảng dữ liệu(HTML) 49 Page - ABB

Back Button OVR40150P Datasheet HTML 45Page - ABB OVR40150P Datasheet HTML 46Page - ABB OVR40150P Datasheet HTML 47Page - ABB OVR40150P Datasheet HTML 48Page - ABB OVR40150P Datasheet HTML 49Page - ABB OVR40150P Datasheet HTML 50Page - ABB OVR40150P Datasheet HTML 51Page - ABB OVR40150P Datasheet HTML 52Page - ABB OVR40150P Datasheet HTML 53Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Low Voltage Products & Systems
16.47
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Fuse
holders
&
fuse
disconnectors
16
16
E 90 Class CC fuseholders
The E 90 fuse carriers for Class CC cylindrical fuse links are specifically designed for the North American market in compliance with
the UL standards. In accordance with the reference standards UL 4248-1 and UL 4248-4, they come in voltage and current rat-
ings up to 600V and 30A. They are available in 1P, 1P+N, 2P, 3P, 3P+N and 4P versions. They can be padlocked open and sealed
closed.
The E 90 fuse carriers are the ideal solution for process control and industrial systems, automation systems, industrial installations
and control circuits.
Technical data
30A
Rated voltage Un
[V]
600 a.c. /d.c.
Rated current In
[A]
30
Rated frequency
[Hz]
50-60
Fuse size
[mm]
10.4 x 38.1
Tightening torque
[Nm]
PZ2 2-2.5
Rated temperature
[°C]
75
Can be sealed closed
■
Can be padlocked open
■
Markings
UL CSA
Standards
UL 4248-1 (General) UL 4248-4 (Class CC)
38 mm
Ø 10.3 mm
31.5 mm
Ø 8.5 mm
51 mm
Ø 15 mm
58 mm
Ø 22 mm
E90 fuseholders for Class CC 10.4 x 38 mm fuses
No. of poles
Modules
Rated Current In A
Catalog number
1
1
30
E91/30
1
1
30
E91/30s
1+N
2
30
E91N/30
2
2
30
E92/30
3
3
30
E93/30
3+N
4
30
E93N/30
4
4
30
E94/30
s: version with blown fuse indicator light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com