công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-N2 bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện SC-N2
Giải thích chi tiết về linh kiện  Standard electromagnetic contactor, switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SC-N2 bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SC-N2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC-N2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
A3-10
新
S
C
・
N
E
O
S
C
シ
リ
ズ
電
磁
接
触
器
・
開
閉
器
A3
電磁接触器・電磁開閉器
標準形電磁接触器,開閉器
●
外形寸法図・接続例
SW-□C形【SC□CAN-...】
(写No.AF88-1347)
CA
a1 a2
A図
2-M4用取付穴
4-φ17リードホール
(上下各2ヵ所)
C
8
A
2-G用
a1 a2
4-Pg16ねじ
(リードホール4ヵ所:
 内径φ21)
B図
C図
リードホールH1
リードホールH2
a2
a1
E
A
4-G用
取付穴
接地端子
リードホールH1
a2
(上1ヵ所,下1ヵ所)
a1
リードホールH2
(上1ヵ所,下1ヵ所)
D図
リードホールH1
リードホールH2
a2
a1
E
A
4-G用
取付穴
接地端子
リードホールH1
a2
(上1ヵ所,下1ヵ所)
a1
リードホールH2
(上1ヵ所,下1ヵ所)
E図
4-G用
取付穴
E
A
リードホールH2
a2
(上1ヵ所,下1ヵ所)
a1
リードホールH1
(上2ヵ所,下2ヵ所)
外形・取付寸法〔mm〕
フレーム
図
質量
〔kg〕
・
寸法表
リード
ホールの
大きさ
リード
ホールの
位置
b
a2
a1
H2
H1
(注1)……(制御回路)と̶(主回路)は結線してください。なお,̶線(制御
回路)は,ケ−スカバ−付の場合には,工場で結線した上で出荷いたし
ます。
(注2)上図のサ−マルリレ−は3ヒ−トエレメントを示します。
2ヒ−トエレメントの場合は下図となります。
1
3
5
13
R S
T
14
A1
1
A2
2
ON
OFF
97 95
98 96
2
4
6
電動機
電源へ
押しボタンスイッチ
U V W
・接続例
3
(注1)電磁接触器(ケースカバー付)も同一寸法となります。
03形
0形
05形
4-0形
4-1形
5-1形
N1形
N2形
N2S形
N3形
N4形
N5形
N6形
N7形
N8形
N10形
N11形
N12形
N14形
A
B
CDE
F
G
76
90
145
175
200
225
280
335
400
600
165
200
246
320
400
450
560
670
800
950
94
94
132
145
160
180
210
225
250
400
14.5
5
18
35
37
50
55
85
100
75
−
−
80
110
125
150
175
200
250
500
135
190
210
250
325
350
450
500
600
800
M4用
M4用
M6用
M6用
M8用
M8用
M10用
M10用
M10用
M12用
φ17
φ21
φ28
φ35
φ43
φ52
φ65
φ78
φ105
φ105
φ17
φ21
φ28
φ28
φ28
φ28
φ28
φ28
φ28
φ28
19
24
上面 20
下面 27
15
20
10
10
0
0
150
19
24
35
40
70
80
100
150
150
18.5
22.5
60
70
80
80
95
95
100
280
A
B
C
D
E
0.7
0.7
0.72
0.8
0.8
0.83
2.0
2.0
3
4.4
4.8
8.4
12.3
18.1
18.8
24.6
97
97 95
98 96
2/T1 4/T2 6/T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50