| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGS6 bảng dữ liệu(PDF) 2 Page - COSEL CO., LTD. |
|
|
|||||||||||||||||||||||||||||
MGS6 bảng dữ liệu(HTML) 2 Page - COSEL CO., LTD. |
|
2 / 46 page ![]() MG-2 MGS1R5 DC-DC Converters PCB Mount Type MG S 1R5 24 05 -O Ordering information 1Series name 2Single output 3Output wattage 4Input voltage 5Output voltage 6Optional Y2: Output voltage adjustable (+10%, -5%) R 1 2 3 4 5 6 MODEL MGS1R5053R3 MGS1R50505 MGS1R50512 MGS1R50515 MGS1R5123R3 MGS1R51205 MGS1R51212 MGS1R51215 MAX OUTPUT WATTAGE[W] 1.32 1.50 1.56 1.50 1.32 1.50 1.56 1.50 DC OUTPUT VOLTAGE[V] 3.3 5 12 15 3.3 5 12 15 CURRENT[A] 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 SPECIFICATIONS MODEL MGS1R5053R3 MGS1R50505 MGS1R50512 MGS1R50515 MGS1R5123R3 MGS1R51205 MGS1R51212 MGS1R51215 INPUT VOLTAGE[V] DC4.5 - 9 (Surge voltage 12.5V, 100ms max) DC9 - 18 (Surge voltage 25V, 100ms max) CURRENT[A] *1 0.33typ 0.37typ 0.37typ 0.36typ 0.14typ 0.15typ 0.16typ 0.15typ EFFICIENCY[%] *1 80typ 82typ 85typ 84typ 80typ 83typ 84typ 84typ OUTPUT VOLTAGE[V] 3.3 5 12 15 3.3 5 12 15 CURRENT[A] 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 LINE REGULATION[mV] 20max 20max 48max 60max 20max 20max 48max 60max LOAD REGULATION[mV] 20max 20max 48max 60max 20max 20max 48max 60max RIPPLE[mVp-p] *2 120max 120max 150max 150max 120max 120max 150max 150max RIPPLE NOISE[mVp-p] *2 200max 200max 200max 200max 200max 200max 200max 200max TEMPERATURE REGULATION[mV] -20 to +85C 50max 50max 150max 180max 50max 50max 150max 180max -40 to +85C 80max 80max 240max 290max 80max 80max 240max 290max DRIFT[mV] *3 20max 20max 48max 60max 20max 20max 48max 60max START-UP TIME[ms] 30max (Minimum input, Io=100%) OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42 4.90 - 5.21 11.64 - 12.36 14.55 - 15.45 3.21 - 3.42 4.90 - 5.21 11.64 - 12.36 14.55 - 15.45 PROTECTION CIRCUIT OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically MODEL MGS1R5243R3 MGS1R52405 MGS1R52412 MGS1R52415 MGS1R5483R3 MGS1R54805 MGS1R54812 MGS1R54815 MAX OUTPUT WATTAGE[W] 1.32 1.50 1.56 1.50 1.32 1.50 1.56 1.50 DC OUTPUT VOLTAGE[V] 3.3 5 12 15 3.3 5 12 15 CURRENT[A] 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 SPECIFICATIONS MODEL MGS1R5243R3 MGS1R52405 MGS1R52412 MGS1R52415 MGS1R5483R3 MGS1R54805 MGS1R54812 MGS1R54815 INPUT VOLTAGE[V] DC18 - 36 (Surge voltage 50V, 100ms max) DC36 - 76 (Surge voltage 100V, 100ms max) CURRENT[A] *1 0.071typ 0.079typ 0.080typ 0.077typ 0.036typ 0.040typ 0.040typ 0.039typ EFFICIENCY[%] *1 78typ 80typ 82typ 82typ 77typ 80typ 82typ 82typ OUTPUT VOLTAGE[V] 3.3 5 12 15 3.3 5 12 15 CURRENT[A] 0.4 0.3 0.13 0.1 0.4 0.3 0.13 0.1 LINE REGULATION[mV] 20max 20max 48max 60max 20max 20max 48max 60max LOAD REGULATION[mV] 20max 20max 48max 60max 20max 20max 48max 60max RIPPLE[mVp-p] *2 120max 120max 150max 150max 120max 120max 150max 150max RIPPLE NOISE[mVp-p] *2 200max 200max 200max 200max 200max 200max 200max 200max TEMPERATURE REGULATION[mV] -20 to +85C 50max 50max 150max 180max 50max 50max 150max 180max -40 to +85C 80max 80max 240max 290max 80max 80max 240max 290max DRIFT[mV] *3 20max 20max 48max 60max 20max 20max 48max 60max START-UP TIME[ms] 30max (Minimum input, Io=100%) OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42 4.90 - 5.21 11.64 - 12.36 14.55 - 15.45 3.21 - 3.42 4.90 - 5.21 11.64 - 12.36 14.55 - 15.45 PROTECTION CIRCUIT OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically December 27, 2022 www.cosel.co.jp/en/ |