công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

22-2 bảng dữ liệu(PDF) 28 Page - Amphenol Corporation

tên linh kiện 22-2
Giải thích chi tiết về linh kiện  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

22-2 bảng dữ liệu(HTML) 28 Page - Amphenol Corporation

Back Button 22-2 Datasheet HTML 24Page - Amphenol Corporation 22-2 Datasheet HTML 25Page - Amphenol Corporation 22-2 Datasheet HTML 26Page - Amphenol Corporation 22-2 Datasheet HTML 27Page - Amphenol Corporation 22-2 Datasheet HTML 28Page - Amphenol Corporation 22-2 Datasheet HTML 29Page - Amphenol Corporation 22-2 Datasheet HTML 30Page - Amphenol Corporation 22-2 Datasheet HTML 31Page - Amphenol Corporation 22-2 Datasheet HTML 32Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
26
97 series crimp type
contact information
Crimp contacts can be ordered for 97 Series connectors in reel assemblies
or in bulk packaging. Order by part numbers given below:
Reel Assembly - For use with semi-automatic
crimping equipment; order number of reels
required.
Reel Assemblies Available
Part Number
Size
For Connector Sizes
9738-1216P-X250
12
18 thru 36
9738-1216S-X250
12
18 thru 36
9745-1418P-X400
16
10SL thru 36
9745-1418S-X400
16
18 thru 36
9755-1418S-X400
16
10SL thru 16S only
9745-1622P-X400
16
10SL thru 36
9755-1622S-X400
16
10SL, 12S, 14S, 16S only
9745-1622S-X400
16
18 thru 36
9745-2026P-X400
16
10SL thru 36
9755-2026S-X400
16
10SL, 12S, 14S, 16S only
9745-2026S-X400
16
18 thru 36
9745-2630P-X400
16
10SL thru 36
9755-2630S-X400
16
10SL, 12S, 14S, 16S only
9745-2630S-X400
16
18 thru 36
Bulk Packaged Contacts Available
Part Number
Size
For Connector Sizes
9738-1216P-X(920)
12
18 thru 36
9738-1216S-X(920)
12
18 thru 36
9745-1418P-X(920)
16
10SL thru 36
9745-1418S-X(920)
16
18 thru 36
9755-1418S-X(920)
16
10SL thru 16S only
9745-1622P-X(920)
16
10SL thru 36
9755-1622S-X(920)
16
10SL, 12S, 14S, 16S only
9745-1622S-X(920)
16
18 thru 36
9745-2026P-X(920)
16
10SL thru 36
9755-2026S-X(920)
16
10SL, 12S, 14S, 16S only
9745-2026S-X(920)
16
18 thru 36
9745-2630P-X(920)
16
10SL thru 36
9755-2630S-X(920)
16
10SL, 12S, 14S, 16S only
9745-2630S-X(920)
16
18 thru 36
Example of part number:
97
38 1216 P 4
25
0
Series
Contact Size
(38 = 12 size,
45, 55 = 16 size)*
Wire Size Accommodated
Example: 1216 will
accommodate size 12
through 16 AWG wire.
Mating End
P = Pin; S = Socket
Quantity per Reel
(250 = 2500 size 12)
(400 = 4000 size 16)
Contact Plating
4 - Silver plate .0002 min.
over copper .00005 min.
5 - Gold plate .00003 min.
over nickel .00005 min
Example of part number:
97
38 1216 P 4 (920)
Series
Contact Size
(38 = 12 size,
45, 55 = 16 size)*
Wire Size Accommodated
Example: 1216 will
accommodate size 12
through 16 AWG wire.
Mating End
P = Pin; S = Socket
Bulk Packaged
100 pcs. per package
standard
Contact Plating
4 - Silver plate .0002 min.
over copper .00005 min.
5 - Gold plate .00003 min.
over nickel .00005 min
* NOTE:
The 10SL, 12S, 14S, 16S connectors
with socket contacts require short con-
tact denoted by 9755-XXXX-XX part
number. See table on next page.
97 Series Contact Code Table†
Wire Range**
Contact Code
Pin
Contact Code
Socket
Contact Code
Socket
1622
A
97-45-1622P-X(XXX)
B
97-55-1622S-X(XXX)
C
97-45-1622S-X(XXX)
1418
D
97-45-1418P-X(XXX)
E
97-55-1418S-X(XXX)
F
97-45-1418S-X(XXX)
2026
G
97-45-2026P-X(XXX)
H
97-55-2026S-X(XXX)
I
97-45-2026S-X(XXX)
2630
J
97-45-2630P-X(XXX)
K
97-55-2630S-X(XXX)
L
97-45-2030S-X(XXX)
1216
M
97-38-1216P-X(XXX)
O
97-38-1216S-X(XXX)
Codes in bold letters are most common
† See order information for bulk and reel contact deviation numbers.
** Wire range is size of wires contact will accommodate. For example:
wire range 1622 will accommodate size 16 through 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com