công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPSA63RLRPG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MPSA63RLRPG
Giải thích chi tiết về linh kiện  Darlington Transistors PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA63RLRPG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MPSA63RLRPG Datasheet HTML 1Page - ON Semiconductor MPSA63RLRPG Datasheet HTML 2Page - ON Semiconductor MPSA63RLRPG Datasheet HTML 3Page - ON Semiconductor MPSA63RLRPG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA62, MPSA63, MPSA64
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = −100 mAdc, VBE = 0)
MPSA62
MPSA63, MPSA64
V(BR)CES
−20
−30
−
−
Vdc
Collector Cutoff Current
(VCB= −15 Vdc, IE = 0)
MPSA62
(VCB = −30 Vdc, IE = 0)
MPSA63, MPSA64
ICBO
−
−
−100
−100
nAdc
Emitter Cutoff Current
(VEB = −10 Vdc, IC = 0)
IEBO
−
−100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = −10 mAdc, VCE = −5.0 Vdc)
MPSA63
MPSA64
MPSA62
(IC = −100 mAdc, VCE = −5.0 Vdc)
MPSA63
MPSA64
hFE
5,000
10,000
20,000
10,000
20,000
−
−
−
−
−
−
Collector −Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.01 mAdc)
MPSA62
(IC = −100 mAdc, IB = −0.1 mAdc)
MPSA63, MPSA64
VCE(sat)
−
−
−1.0
−1.5
Vdc
Base −Emitter On Voltage
(IC = −10 mAdc, VCE = −5.0 Vdc)
MPSA62
(IC = −100 mAdc, VCE = −5.0 Vdc)
MPSA63, MPSA64
VBE(on)
−
−
−1.4
−2.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain — Bandwidth Product (Note 2)
(IC = −100 mAdc, VCE = −5.0 Vdc, f = 100 MHz)
MPSA63, MPSA64
fT
125
−
MHz
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
2. fT = |hfe| S ftest.
ORDERING INFORMATION
Device
Package
Shipping†
MPSA62
TO−92
5000 Units / Bulk
MPSA63
TO−92
5000 Units / Bulk
MPSA63G
TO−92
(Pb−Free)
5000 Units / Bulk
MPSA63RLRA
TO−92
2000 / Tape & Reel
MPSA63RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSA63RLRM
TO−92
2000 / Ammo Pack
MPSA63RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA63RLRP
TO−92
2000 / Ammo Pack
MPSA63RLRPG
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA63ZL1
TO−92
2000 / Ammo Pack
MPSA63ZL1G
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA64
TO−92
5000 Units / Bulk
MPSA64G
TO−92
(Pb−Free)
5000 Units / Bulk
MPSA64RLRA
TO−92
2000 / Tape & Reel
MPSA64RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSA64RLRM
TO−92
2000 / Ammo Pack
MPSA64RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com