| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M50FW040NB5G bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040NB5G bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 53 page ![]() M50FW040 Signal descriptions 13/53 2.1.5 Interface configuration (IC) The Interface Configuration input selects whether the Firmware Hub (FWH) or the Address/Address Multiplexed (A/A Mux) Interface is used. The chosen interface must be selected before power-up or during a Reset and, thereafter, cannot be changed. The state of the Interface Configuration, IC, should not be changed during operation. To select the Firmware Hub (FWH) Interface the Interface Configuration pin should be left to float or driven Low, VIL; to select the Address/Address Multiplexed (A/A Mux) Interface the pin should be driven High, VIH. An internal pull-down resistor is included with a value of RIL; there will be a leakage current of ILI2 through each pin when pulled to VIH; see <Blue>Table 18. 2.1.6 Interface Reset (RP) The Interface Reset (RP) input is used to reset the memory. When Interface Reset (RP) is set Low, VIL, the memory is in Reset mode: the outputs are put to high impedance and the current consumption is minimized. When RP is set High, VIH, the memory is in normal operation. After exiting Reset mode, the memory enters Read mode. 2.1.7 CPU Reset (INIT) The CPU Reset, INIT, pin is used to Reset the memory when the CPU is reset. It behaves identically to Interface Reset, RP, and the internal Reset line is the logical OR (electrical AND) of RP and INIT. 2.1.8 Clock (CLK) The Clock, CLK, input is used to clock the signals in and out of the Input/Output Communication Pins, FWH0-FWH3. The Clock conforms to the PCI specification. 2.1.9 Top Block Lock (TBL) The Top Block Lock input is used to prevent the Top Block (Block 7) from being changed. When Top Block Lock, TBL, is set Low, VIL, Program and Erase operations in the Top Block have no effect, regardless of the state of the Lock Register. When Top Block Lock, TBL, is set High, VIH, the protection of the Block is determined by the Lock Register. The state of Top Block Lock, TBL, does not affect the protection of the Main Blocks (Blocks 0 to 6). Top Block Lock, TBL, must be set prior to a Program or Erase operation is initiated and must not be changed until the operation completes or unpredictable results may occur. Care should be taken to avoid unpredictable behavior by changing TBL during Program or Erase Suspend. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |