công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M50FW040K5G bảng dữ liệu(PDF) 49 Page - STMicroelectronics

tên linh kiện M50FW040K5G
Giải thích chi tiết về linh kiện  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K5G bảng dữ liệu(HTML) 49 Page - STMicroelectronics

Back Button M50FW040K5G Datasheet HTML 45Page - STMicroelectronics M50FW040K5G Datasheet HTML 46Page - STMicroelectronics M50FW040K5G Datasheet HTML 47Page - STMicroelectronics M50FW040K5G Datasheet HTML 48Page - STMicroelectronics M50FW040K5G Datasheet HTML 49Page - STMicroelectronics M50FW040K5G Datasheet HTML 50Page - STMicroelectronics M50FW040K5G Datasheet HTML 51Page - STMicroelectronics M50FW040K5G Datasheet HTML 52Page - STMicroelectronics M50FW040K5G Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
M50FW040
Flowcharts and pseudo codes
49/53
Figure 19.
Program Suspend & Resume flowchart and pseudo code
Write 70h
AI03408
Read Status
Register
YES
NO
b7 = 1
YES
NO
b2 = 1
Program Continues
Write a read
Command
Program/Erase Suspend command:
– write B0h
– write 70h
do:
– read Status Register
while b7 = 1
If b2 = 0 Program completed
Write D0h
Program/Erase Resume command:
– write D0h to resume the program
– if the Program operation completed
then this is not necessary.
The device returns to Read as
normal (as if the Program/Erase
suspend was not issued).
Read data from
another address
Start
Write B0h
Program Complete
Write FFh
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53