| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M50FW040NB5TP bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040NB5TP bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 53 page ![]() DC and AC parameters M50FW040 42/53 Figure 13. A/A Mux interface Read AC waveforms Table 22. A/A Mux interface read AC characteristics Symbol Parameter Test Condition Value Unit tAVAV Read Cycle Time Min 250 ns tAVCL Row Address Valid to RC Low Min 50 ns tCLAX RC Low to Row Address Transition Min 50 ns tAVCH Column Address Valid to RC high Min 50 ns tCHAX RC High to Column Address Transition Min 50 ns tCHQV (1) 1. G may be delayed up to tCHQV – tGLQV after the rising edge of RC without impact on tCHQV. RC High to Output Valid Max 150 ns tGLQV (1) Output Enable Low to Output Valid Max 50 ns tPHAV RP High to Row Address Valid Min 1 µs tGLQX Output Enable Low to Output Transition Min 0 ns tGHQZ Output Enable High to Output Hi-Z Max 50 ns tGHQX Output Hold from Output Enable High Min 0 ns AI03406 tAVAV tCLAX tCHAX tGLQX tGLQV tGHQX VALID A0-A10 G DQ0- DQ7 RC tCHQV tGHQZ COLUMN ADDR VALID W RP tPHAV ROW ADDR VALID NEXT ADDR VALID tAVCL tAVCH |