công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT25C128VT2 bảng dữ liệu(PDF) 12 Page - Catalyst Semiconductor

tên linh kiện CAT25C128VT2
Giải thích chi tiết về linh kiện  128K/256K-Bit SPI Serial CMOS EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C128VT2 bảng dữ liệu(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT25C128VT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C128VT2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CAT25C128/256
12
Document No. 1018, Rev. I
Catalyst Semiconductor, Inc.
Corporate Headquarters
2975 Stender Way
Santa Clara, CA 95054
Phone: 408.542.1000
Fax: 408.542.1200
www.catsemi.com
Publication #:
1018
Revison:
I
Issue date:
10/13/06
Type:
Final
Copyrights, Trademarks and Patents
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP ™
DPPs ™
AE2 ™
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents
issued to Catalyst Semiconductor contact the Company’s corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a
situation where personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets
labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate
typical semiconductor applications and may not be complete.
REVISION HISTORY
Date
Rev.
Reason
8/5/2004
F
Updated Features
Updated DC Operating Characteristics table & notes
2/172005
G
Updated D.C. Operating Characteristics table
05/23/2005
H
Updated Reliability Characteristics table
10/13/06
I
Update Features
Update Description
Update Pin Configuration
Update Pin Funtions
Update D.C. Operating Characteristics (VCC Range)
Update A.C. Characteristics tables (VCC Range)
Update Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com